|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC COMPONENTS CO., LTD. R SM5817 THRU SM5819 RECTIFIER SPECIALISTS TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere FEATURES * High current capability * Ideal for surface mounted applications * Low leakage current for high efficiency SM-1(DO-213AB) MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.12 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=90 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note1) Typical Junction Capacitance (Note 2) Storage Operating Temperature Range @TA = 25 o C @TA = 100 o C VRRM VRMS VDC IO IFSM VF IR R JA CJ TJ, TSTG SM5817 20 14 20 SM5818 30 21 30 1.0 25 SM5819 40 28 40 UNITS Volts Volts Volts Amps Amps .45 .55 1.0 10 75 110 -65 to + 125 .60 mAmps 0 C/ W pF 0 C NOTES : 1. Thermal Resistance (Junction to Ambient), .24in2 (6.0mm2) copper pads to each terminal. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 276 NEXT BACK NEXT EXIT BACK RATING AND CHARACTERISTIC CURVES ( SM5817 THRU SM5819 ) DC COMPONENTS CO., LTD. R 277 EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT |
Price & Availability of SM5818 |